PART |
Description |
Maker |
PRT-13925 |
Teensy Header Kit
|
List of Unclassifed Man...
|
27C010RPFI-30 27C010RPFC-25 27C010RPFB-30 27C010RP |
x8 EPROM Evaluation Kit for the MAX3741 Evaluation Kit for the MAX3738 Evaluation Kit for the MAX3748A Evaluation Kit for the MAX3740A Evaluation Kit for the MAX3737 Evaluation Kit for the MAX3744, MAX3745 x8存储 Evaluation Kit for the MAX3747, MAX3747A x8存储
|
Atmel, Corp.
|
25C040-P 25AA040-P 25LC040-P 25C040X-ST 25C040IN 2 |
Evaluation Kit for the MAX1748, MAX1779 Evaluation Kit for the MAX16803 Evaluation Kit for the MAX1760 High-Voltage, Step-Down DC-DC Controller in µMAX 500mA Low-Dropout Linear Regulator in UCSP Industry-Standard, 12-Bit ADC with Reference Evaluation Kit for the MAX1757, MAX1758 60mA, SOT23 Inverting Charge Pump with Shutdown Evaluation Kit for the MAX1700, MAX1701 125mA, Frequency-Selectable, Switched-Capacitor Voltage Converters Evaluation Kit for the MAX1684, MAX1685 Evaluation Kit for the MAX1698 Evaluation Kit for the MAX1692 Evaluation Kit for the MAX1703 Evaluation Kit for the MAX1820, MAX1821 Complete, 100ksps, 8-Channel, 12-Bit Data Acquisition Systems SPI串行EEPROM High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver SPI串行EEPROM Evaluation Kit for the MAX1744, MAX1745 SPI串行EEPROM SPI Serial EEPROM SPI串行EEPROM
|
Microchip Technology, Inc.
|
26-48-1021 26-48-1022 W-HT-1919 26-48-1061 26-48-1 |
KK-156 Connector Kit Vertical and Right Angle Header and Receptacle, with Extraction and Universal Crimp Tool
|
MolexKits
|
63812-0000 W-HT-1884 22-01-2041 W-HT-1921 22-01-20 |
KK-100 Connector Kit Vertical and Right Angle Header and Receptacle, with Extraction and Universal Crimp Tool
|
MolexKits
|
PECLDL-10-1 PECLDL-10-4 PECLDL-10-7 PECLDL-10-9 PE |
LTC3824 Evaluation Kit LT3844EFE Evaluation Kit LT3476EUHF Evaluation Kit LTC3835EGN-1 Evaluation Kit 延迟线|可编程| 1线| 1 -技术咨询|混合|双酯| 32脚|塑料 DELAY LINE|PROGRAMMABLE|1-LINE|1-TAP|HYBRID|DIP|32PIN|PLASTIC 延迟线|可编程| 1线| 1 -技术咨询|混合|双酯| 32脚|塑料
|
Advanced Power Electronics, Corp.
|
9025 G10 |
Receiver, G18, 18 Module, with Slide Mounting Kit (slide kit required)
|
Virginia Panel Corporation
|
MCP2150 MCP2120 |
DEVELOPER’S KIT USER’S GUIDE DEVELOPERS KIT USERS GUIDE
|
MICROCHIP[Microchip Technology]
|
TM23P-88P HT601-TM23_TM22P-88P TM23R-TO6 TM23P-88P |
EVAL BOARD FOR CS5466 Development kit; Kit Contents:Evaluation Board and software; For Use With:CS5460A; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No Development kit; Kit Contents:Evaluation Board and software; For Use With:CS5471; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No EVAL BOARD FOR CS5524 ADC BOARD EVAL FOR CS42448 EVAL BOARD CS4271 STEREO CODEC EVAL BOARD CS42L51 CODEC Development kit; Kit Contents:Evaluation Board; For Use With:CS4228A; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No EVAL BOARD CS4270 CODEC Development kit; Kit Contents:Evaluation Board; For Use With:CS43122; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 6类布线系统的数据连接 CAT 6 Data Wiring System Connectors 6类布线系统的数据连接 DSUB RoHS Compliant: Yes 6类布线系统的数据连接 EVAL BOARD CS5451A 6CH ADC 6类布线系统的数据连接 EVAL BOARD CS4272 STEREO CODEC 6类布线系统的数据连接
|
HIROSE[Hirose Electric] Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|
BSS89 Q62702-S619 Q62702-S385 Q62702-S519 |
Capacitor Kit;Contents Of Kit:16 different capacitance values, 20 pcs. per value 300 mA, 240 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92 SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level) SIPMOS小信号晶体管(N通道增强模式的逻辑电平
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|